Part Number Hot Search : 
EGA16 ROMEO2 IRF822 MMBT55 2N491 MP36F PLUS153D 5225B
Product Description
Full Text Search
 

To Download 74441-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0744410001 Active
sfp__sfp_host_connectors 0.80mm (.031") Pitch SFP, SFP Plus (SFP+) Host Connector, Z-Axis Pluggable, Right Angle, SMT, 20 Circuits, 0.38m (15") Gold (Au)
Documents: 3D Model Application Specification (PDF) Drawing (PDF)
Product Specification PS-74441-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Component Type Overview Product Name Type I/O Connectors 74441 Module-to-Board Receptacle sfp__sfp_host_connectors Z-Axis Pluggable N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports N/A 20 20 20 Black 200 94V-0 Receptacle Yes Yes High Performance Alloy (HPA) Gold Tin High Temperature Thermoplastic 2 Right Angle Yes Yes Embossed Tape on Reel No 0.031 In 0.80 mm 0.031 In 0.80 mm 15.2 0.38 101.6 2.54 Yes No 1
Search Parts in this Series 74441Series Mates With SFP Modules Use With EMI Shield, 73927 SFP Cage, 86025 LC Duplex Cable Assembly, Guide Frame, 73939 HSSDC2 Cable Assembly
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG
Yes -40C to +85C Surface Mount No N/A
Electrical
Current - Maximum per Contact Grounding to Panel Shielded Voltage - Maximum 0.5A Yes No 30V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 40 Reflow Capable (SMT only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing Test Summary AS-74441-001 PS-74441-001 SD-74441-001, SD-74441-004 TS-74441-002, TS-74441-004, TS-74441-010
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74441-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X